Part Number Hot Search : 
2SC50 NTE987SM ER300 R5F2127 T1400J XCX01DNC ASI10 ACT32M
Product Description
Full Text Search
 

To Download Q62703-Q2732 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOPLED(R) RG
LS T770, LO T770, LY T770 LG T770, LP T770
Besondere Merkmale
q q q q q q
Gehausefarbe: wei als optischer Indikator einsetzbar zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung fur alle SMT-Bestuck- und Lottechniken geeignet gegurtet (12-mm-Filmgurt) Storimpulsfest nach DIN 40839
VPL06899
Features
q q q q q q
color of package: white for use as optical indicator for backlighting, optical coupling into light pipes and lenses suitable for all SMT assembly and soldering methods available taped on reel (12 mm tape) load dump resistant acc. to DIN 40839
Semiconductor Group
1
11.96
LS T770, LO T770, LY T770 LG T770, LP T770
Typ
Emissionsfarbe Color of Emission
Type
Farbe der Lichtaustrittsflache Color of the Light Emitting Area colorless clear
Lichtstarke
Lichtstrom
Bestellnummer
Luminous Intensity IF = 10 mA IV (mcd) 2.5 ... 4.0 ... 6.3 ... 4.0 ... 2.5 ... 4.0 ... 6.3 ... 4.0 ... 2.5 ... 4.0 ... 6.3 ... 10.0 ... 4.0 ... 2.5 ... 4.0 ... 6.3 ... 10.0 ... 4.0 ... 1.0 ... 1.6 ... 2.5 ... 1.6 ... 12.5 8.0 12.5 20.0 12.5 8.0 12.5 20.0 20.0 8.0 12.5 20.0 32.0 20.0 8.0 12.5 20.0 32.0 8.0 3.2 5.0 12.5
Luminous Flux IF = 10 mA V (mlm) 18 (typ.) 30 (typ.) 18 (typ.) 30 (typ.) 18 (typ.) 30 (typ.) 45 (typ.) 18 (typ.) 30 (typ.) 45 (typ.) 8 (typ.) 12 (typ.) -
Ordering Code
LS T770-HK LS T770-J LS T770-K LS T770-JL LO T770-HK LO T770-J LO T770-K LO T770-JL LY T770-HL LY T770-J LY T770-K LY T770-L LY T770-JM LG T770-HL LG T770-J LG T770-K LG T770-L LG T770-JM LP T770-FJ LP T770-G LP T770-H LP T770-GK
super-red
Q62703-Q2726 Q62703-Q2727 Q62703-Q2728 Q62703-Q2729 Q62703-Q2730 Q62703-Q2731 Q62703-Q2732 Q62703-Q2733 Q62703-Q2734 Q62703-Q2736 Q62703-Q3241 Q62703-Q3906 Q62703-Q2737 Q62703-Q2738 Q62703-Q2739 Q62703-Q2740 Q62703-Q3100 Q62703-Q2741 Q62703-Q2742 Q62703-Q2743 Q62703-Q2744 Q62703-Q2745
orange
colorless clear
yellow
colorless clear
green
colorless clear
pure green
colorless clear
Streuung der Lichtstarke in einer Verpackungseinheit IV max / IV min 2.0. Luminous intensity ratio in one packaging unit IV max / IV min 2.0.
Semiconductor Group
2
LS T770, LO T770, LY T770 LG T770, LP T770
Grenzwerte Maximum Ratings Bezeichnung Parameter Betriebstemperatur Operating temperature range Lagertemperatur Storage temperature range Sperrschichttemperatur Junction temperature Durchlastrom Forward current Stostrom Surge current t 10 s, D = 0.005 Sperrspanung Reverse voltage Verlustleistung Power dissipation Warmewiderstand Thermal resistance Sperrschicht / Umgebung Junction / air Montage auf PC-board*) (Padgroe je 16 mm2) mounted on PC board*) (pad size 16 mm2 each)
*) PC-board: FR4
Symbol Symbol
Werte Values - 55 ... + 100 - 55 ... + 100 + 100 30 0.5
Einheit Unit C C C mA A
Top Tstg Tj IF IFM
VR Ptot Rth JA
5 100 400
V mW K/W
Semiconductor Group
3
LS T770, LO T770, LY T770 LG T770, LP T770
Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Wellenlange des emittierten Lichtes Wavelength at peak emission IF = 10 mA Dominantwellenlange Dominant wavelength IF = 10 mA Spektrale Bandbreite bei 50 % Irel max Spectral bandwidth at 50 % Irel max IF = 10 mA Abstrahlwinkel bei 50 % Iv (Vollwinkel) Viewing angle at 50 % Iv Durchlaspannung Forward voltage IF = 10 mA Sperrstrom Reverse current VR = 5 V Kapazitat Capacitance VR = 0 V, f = 1 MHz Schaltzeiten: Switching times: IV from 10 % to 90 % IV from 90 % to 10 % IF = 100 mA, tp = 10 s, RL = 50 (typ.) (max.) (typ.) (max.) (typ.) (typ.) (typ.) (typ.) (typ.) (typ.) (typ.) Symbol Symbol LS LO 610 Werte Values LY 586 LG 565 LP 557 nm 635 Einheit Unit
peak
dom
628
605
590
570
560
nm
45
40
45
25
22
nm
2
120 2.0 2.6
120 2.0 2.6
120 2.0 2.6
120 2.0 2.6
120 2.0 2.6
Grad deg. V V
VF VF IR IR C0
0.01 0.01 0.01 0.01 0.01 A 10 10 10 10 10 A 12 8 10 15 15 pF
(typ.) (typ.)
tr tf
300 150
300 150
300 150
450 200
450 200
ns ns
Semiconductor Group
4
LS T770, LO T770, LY T770 LG T770, LP T770
Relative spektrale Emission Irel = f (), TA = 25 C, IF = 10 mA Relative spectral emission V() = spektrale Augenempfindlichkeit Standard eye response curve
Abstrahlcharakteristik Irel = f () Radiation characteristic
Semiconductor Group
5
LS T770, LO T770, LY T770 LG T770, LP T770
Durchlastrom IF = f (VF) Forward current TA = 25 C
Relative Lichtstarke IV/IV(10 mA) = f (IF) Relative luminous intensity TA = 25 C
Zulassige Impulsbelastbarkeit IF = f (tp) Permissible pulse handling capability Duty cycle D = parameter, TA = 25 C
Maximal zulassiger Durchlastrom Max. permissible forward current IF = f (TA)
Semiconductor Group
6
LS T770, LO T770, LY T770 LG T770, LP T770
Wellenlange der Strahlung peak = f (TA) Wavelength at peak emission IF = 10 mA
Dominantwellenlange dom = f (TA) Dominant wavelength IF = 10 mA
Durchlaspannung VF = f (TA) Forward voltage IF = 10 mA
Relative Lichtstarke IV / IV(25 C ) = f (TA) Relative luminous intensity IF = 10 mA
Semiconductor Group
7
LS T770, LO T770, LY T770 LG T770, LP T770
Mazeichnung Package Outlines
(Mae in mm, wenn nicht anders angegeben) (Dimensions in mm, unless otherwise specified)
Kathodenkennung: Cathode mark:
abgeschragte Ecke bevelled edge
Semiconductor Group
8
GPL06899


▲Up To Search▲   

 
Price & Availability of Q62703-Q2732

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X